PART |
Description |
Maker |
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N7002E11 2N7002ET1G 2N7002ET3G |
Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23 Small Signal MOSFET 60 V, 310 mA, TRENCH, N-Channel 260 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET
|
ON Semiconductor
|
BS107 Q67000-S078 |
From old datasheet system SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) 130 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BSS229 Q62702-S600 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 70 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 From old datasheet system
|
NXP Semiconductors N.V. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
STK7002F |
Small Signal TR > Small Signal MOSFET N-CHANNEL ENHANCEMENT-MODE MOSFET
|
AUK corp
|
NTJS4405N NTJS4405NT1 NTJS4405NT1G NTJS4405NT4 NTJ |
Small Signal MOSFET 25 V, 1.2 A(25V, 1.2A, 小信号MOSFET) Small Signal MOSFET 25 V, 1.2 A, Single, N−Channel, SC−88
|
ON Semiconductor
|
|