PART |
Description |
Maker |
3850HA |
Difference between Spec.H and Spec.A
|
Renesas Electronics Corporation
|
D30VC20 D30VC20F D30VC20W D30VC40F D30VC40W D30VC8 |
Silicon-Twin Rectifiers Center tap 硅双整流器中心自来水 Programmable Indicator Light; Mounting Type:30mm Barrel; Color:Multicolor; Housing Style:Right-Angle; Leaded Process Compatible:No; Light Functions:Red, Green, Yellow Light; Peak Reflow Compatible (260 C):No 硅双整流器中心自来水
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
TLN212 TLN212F |
INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
|
Toshiba Corporation Toshiba Semiconductor
|
TLOH9204 |
ORANGE LIGHT EMISSION AF auxiliary light source for digital still cameras
|
Toshiba Semiconductor
|
110-97-610-41-001 110-97-624-41-001 110-97-628-41- |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes 双列直插式插座焊尾开放框 Dual-in-line sockets Open frame Solder tail 双列直插式插座焊尾开放框 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes MC 1,5/19-ST-3,5 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes
|
Amphenol, Corp. TE Connectivity, Ltd. PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
MAL-3401 MAL-3401R MAL-3401UB MAL-3401UG MAL-3401U |
The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
|
Unity Opto Technology
|
LTPL-P00DWS57 |
High power LED light source Long life, up to 100k hours Instant light Iess than 100ns
|
Lite-On Technology Corp...
|
MAL-6001B-B08 MAL-6001E-E08 MAL-6001G-G08 MAL-6001 |
The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
|
Unity Opto Technology
|
SC668EVB |
8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
|
Semtech Corporation
|
TSI10N TSI10N-0510 TSI10N-0510D TSI10N-2410 TSI10N |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes CAP 5600PF 100V 10% X7R AXIAL BULK M-MIL-PRF-39014 DC/DC CONVERTER - TSI-10N SERIES 10 WATT
|
TRACO ELECTRONIC AG.
|
SFH5711 SFH3710 SFH341013 SFH2430 |
This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
|
OSRAM GmbH
|