PART |
Description |
Maker |
MKW5049 MKW5000 MKW5030 MKW5031 MKW5032 MKW5033 MK |
25-30W, Wide Input Range, Single Output DC/DC Converters
|
MINMAX[Minmax Technology Co., Ltd.]
|
MDCUEI-15W |
Isolated Wide Input Range 15-Watt DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
TMG5C60F TMG5C40 |
Isolated mold triac suitable for wide range of applications like copier
|
SANREX[SanRex Corporation]
|
TG70AA60 TG70AA40 |
Isolated mould triac suitable for wide range of applications 70A 650V
|
SanRex
|
DG20AA120 DG20AA40-160 DG20AA80 DG20AA DG20AA160 D |
Medium power isolated module diode suitable for wide range of industrial and home elctronics use DIODE MODULE From old datasheet system DIODE(ISOLATED MOLD TYPE)
|
SANREX[SanRex Corporation]
|
GBPC1210 GBPC2501 GBPC35005 GBPC3510 GBPC25005 GBP |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 3 A, Wide Input Non-Isolated, Wide Negative Output Adjust Module 7-DIP MODULE -40 to 85 Glass Passivated Single-Phase Bridge Rectifier(钝化玻璃单相桥整流器) 玻璃钝化单相桥式整流器(钝化玻璃单相桥整流器 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 3 A, Wide Input Non-Isolated, Wide Output Adjust Module 7-DIP MODULE -40 to 85 玻璃钝化单相桥式整流 6-W, 3.3/5-V Input, Wide Adjust Output Positive-to-Negative Converter 5-DIP MODULE 0.8 to 1.8 V 16-A, 12-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 6-A Wide-Input Voltage Adjustable Switching Regulator 7-DIP MODULE -40 to 85 50-A, 8-V to 14-V Input, Non-Isolated, Wide-Output Adjust, Vertical Power Module 21-DIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes) Isolated Flyback Switching Regulator with 9V Output
|
GE Security, Inc. Pan Jit International Inc. GE[General Semiconductor]
|
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
EC5E EC5E0X EC5E1X |
25W to 30W Wide Input DC-DC Converter
|
cincon
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8515 MAX8515A MAX8515AEK MAX8515AEXK-T MAX8515A |
Quadruple 2-Input Positive-AND Gates 14-CFP -55 to 125 Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|