PART |
Description |
Maker |
SLIN-03E1A0 SLIN-03E1AL SLIN-03E1AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
|
Bel Fuse Inc.
|
SLIN-20E1AL SLIN-20E1AX SLIN-20E1A0 |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
|
Bel Fuse Inc.
|
XRAH-03F1A0 VRAH-03F1A0 SRAH-03F1A0 |
NON-ISOLATED DC/DC CONVERTERS 3.0 VDC - 5.5 VDC INPUT 0.9 VDC - 3.3 VDC/3 A OUTPUT
|
BEL[Bel Fuse Inc.]
|
FW300B1 |
FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
|
Lineage Power Corporation
|
NH050M-L NH033S1R8-L NH050S1R8-L NH033M-L |
Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
|
Lineage Power Corporation
|
XRAH-01FXX0 VRAH-01FX20 VRAH-01FX50 SRAH-01FX50 SR |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
|
BEL[Bel Fuse Inc.]
|
SLIN-30E1A0 SLIN-30E1AX SLIN-30E1AL |
6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
|
Bel Fuse Inc.
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide GENERAL PURPOSE PLASTIC RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
QRW025A0A1 QRW025A0A1Z QRW025A0A641 QRW035A0F71-H |
36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
|
Lineage Power Corporation
|
RGP30M RGP30K RGP30 BY396 BY397 BY398 BY399 |
Fast Silicon Rectifiers RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 15V; 2:1 Wide
|
DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|