PART |
Description |
Maker |
ASP-129637-01 |
342 STACKER HEIGHT NOT AVAILABLE AS STANDAR
|
Samtec, Inc
|
SFF120-28Q |
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET 9.2 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
MTY100N10E ON2707 Y100N10E |
TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM 100 A, 100 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
PSMN034-100PS |
N-channel 100 V 34.5 m惟 standard level MOSFET in TO220. N-channel 100 V 34.5 mΩ standard level MOSFET in TO220. N-channel 100 V 34.5 m standard level MOSFET in TO220. 32 A, 100 V, 0.0345 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
PPF150M |
N Channel MOSFET; Package: TO-254; ID (A): 21; RDS(on) (Ohms): 0.053; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 34 A, 100 V, 0.053 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
FQD19N10 FQD17P06TF |
N-Channel QFET? MOSFET 100 V, 15.6 A, 100 mΩ
|
Fairchild Semiconductor
|
MTP10N10EL MTP10N10ELG |
Power MOSFET 10 Amps, 100 Volts, Logic Level; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 10 A, 100 V, Logic Level, N−Channel TO−220
|
ON Semiconductor
|
UPA602T PA602T G11249EJ1V0DS00 UPA602T-A |
100 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FET 6-PIN 2 CIRCUITS MOS Field Effect Transistor From old datasheet system
|
NEC Corp.
|
IXFN100N10S1 IXFN100N10S3 IXFN100N10S2 |
HiPerFET Power MOSFETs with Schottky Diodes 100 A, 100 V, 0.0125 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
IXYS, Corp. IXYS[IXYS Corporation]
|
MTB33N10E |
TMOS POWER FET 33 AMPERES 100 VOLTS 33 A, 100 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
|