PART |
Description |
Maker |
P1750AE-40PGMB P1750AE-20QLMB P1750AE-30QLMB P1750 |
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
|
Pyramid Semiconductor Corporation
|
P1750A-15CMB P1750A-20CMB P1750A-15QLMB P1750A-20Q |
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
|
Pyramid Semiconductor Corporation
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
HA1-2541-5 FN2898 HA-2541 |
Op Amp, 40MHz, Fast Settling, Unity Gain Stable 40MHz, Fast Settling, Unity Gain Stable,
Operational Amplifier(40MHz、快速稳定运算放大器) 40MHz/ Fast Settling/ Unity Gain Stable/ Operational Amplifier 40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
P2353AB P2353AA P2300EC P0602AARP P1402AARP P1602A |
MCU CMOS 64 LD 33MHZ 8K EPRM, -40C to 85C, 64-TQFP, TRAY MCU CMOS 68 LD 33MHZ 8K EPRM, 0C to 70C, 68-PLCC, TUBE MCU CMOS 44 LD 33MHZ 4K EPRM, -40C to 85C, 44-PLCC, TUBE 18LD 20MHZ .5K EPRM/128 EEPROM, -40C to 85C, 18-PDIP, TUBE SIDAC|77V V(BO) MAX|800MA I(S)|TO-220VAR MCU CMOS 18 LD 20MHZ 1K FLASH, -40C to 85C, 18-SOIC 300mil, T/R SIDAC|160V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|180V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|220V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|300V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC|350V V(BO) MAX|800MA I(S)|TO-220VAR 20LD 4MHZ 1K EPRM/128 EEPROM, -40C to 85C, 20-SSOP 208mil, TUBE MCU CMOS 28 LD 40MHZ 16K OTP, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 44 LD 25MHZ 4K EPRM, -40C to 85C, 44-TQFP, TRAY SIDAC|180V V(BO) MAX|800MA I(S)|TO-92VAR MCU CMOS 20LD 2K FLASH, 0C to 70C, 20-SSOP 208mil, T/R SIDAC|220V V(BO) MAX|800MA I(S)|TO-92VAR MCU CMOS 18LD 2K EPRM/128 EEPROM, -40C to 85C, 18-PDIP, TUBE SIDAC|160V V(BO) MAX|800MA I(S)|TO-92VAR 18LD 20MHZ 2K EPRM/128 EEPROM, -40C to 85C, 18-SOIC 300mil, T/R SIDAC|98V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|400V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|350V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|130V V(BO) MAX|800MA I(S)|DO-214AA SIDAC|40V V(BO) MAX|800MA I(S)|TO-92VAR SIDAC|210V V(BO) MAX|800MA I(S)|TO-220VAR 20LD 20MHZ 2K FLASH, -40C to 85C, 20-SSOP 208mil, T/R 20LD 4MHZ 2K EPRM/128 EEPROM, -40C to 85C, 20-SSOP 208mil, T/R MCU CMOS 18 LD LOW PWR, -40C to 85C, 18-SOIC 300mil, T/R SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|DO - 214AA SIDAC的| 77V V(下公报)最大| 800mA的我(县)|220VAR SIDAC的| 40V的五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 130V五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 180V五(公报)最大| 800mA的我(县)|220VAR SIDAC的| 180V五(公报)最大| 800mA的我(县)|20VAR SIDAC的| 220五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 40 LD 4MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 10MHZ 8K OTP, 0C to 70C, 44-PLCC, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR SIDAC|98V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 98V V(下公报)最大| 800mA的我(县)|DO - 214AA SIDAC|25V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 25V的五(公报)最大| 800mA的我(县)|DO - 214AA SIDAC|220V V(BO) MAX|800MA I(S)|DO-214AA SIDAC的| 220五(公报)最大| 800mA的我(县)|DO - 214AA MCU CMOS 40 LD 10MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 40 LD 10MHZ 8K OTP, -40C to 125C, 40-PDIP, TUBE SIDAC的| 40V的五(公报)最大| 800mA的我(县)|2VAR 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 85C, 16-QFN, T/R SIDAC的| 130V五(公报)最大| 800mA的我(县)|20VAR 14 PIN, 1.5KB STD FLASH, 67 RAM, 12 I/O, PB FREE, -40C to 85C, 14-SOIC 150mil, T/R SIDAC的| 98V V(下公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 33MHZ 4K EPRM, -40C to 85C, 44-TQFP, TRAY SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 40 LD 40MHZ 8K OTP, -40C to 85C, 40-PDIP, TUBE SIDAC的| 300V五(公报)最大| 800mA的我(县)|2VAR MCU CMOS 44 LD 20MHZ 4K EPRM, -40C to 125C, 44-MQFP, TRAY SIDAC的| 25V的五(公报)最大| 800mA的我(县)|2VAR SIDAC|400V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC的| 400V五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 68 LD 16MHZ 16K EPRM, 0C to 70C, 68-PLCC, TUBE SIDAC的| 260伏特五(公报)最大| 800mA的我(县)|20VAR MCU CMOS 28 LD 40MHZ 16K OTP, -40C to 85C, 28-SOIC 300mil, T/R SIDAC的| 300V五(公报)最大| 800mA的我(县)|2VAR SIDAC|250V V(BO) MAX|800MA I(S)|TO-220VAR SIDAC的| 250V五(公报)最大| 800mA的我(县)|20VAR
|
Littelfuse, Inc. Ohmite Mfg. Co. Analog Devices, Inc. Vishay Intertechnology, Inc. Molex, Inc. Vicor, Corp. TE Connectivity, Ltd. Marktech Optoelectronics Intel, Corp.
|
EKK8011 10G050-2C 10G050-2L 10G103-3X 10G102-3X HD |
Low-Voltage, Single Supply, SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Interface IC Logic IC IC MCU 8BIT 40/20MHZ 44-PLCC 8-BIT MICROCONTROLLER Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 Quad 2-Input OR Gate; ; Package: Die (Military Visual) Microcontroller 微控制器 MCU AVR 32KB FLASH 20MHZ 44TQFP 微控制器 IC FLASH CONFIG 8M 44PLCC H8S/2623系列H8S/2626系列硬件手册 MCU AVR 32KB FLASH 44QFN
|
Maxim Integrated Products, Inc. Hitachi,Ltd. Intel, Corp.
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
STLC2500 |
BLUETOOTH SINGLE CHIP BLUETOOTH?/a> SINGLE CHIP BLUETOOTH SINGLE CHIP BLUETOOTH⑩ SINGLE CHIP
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|