PART |
Description |
Maker |
STPMC1 |
Programmable poly-phase energy calculator IC
|
STMicroelectronics
|
AN4121 |
Poly-phase demonstration kit with the STPMC1 and STPMS2
|
STMicroelectronics
|
CD-700-KAC-GBB-77.760 CD-700-LAC-GBB-77.760 CD-700 |
Complete VCXO Based Phase Lock Loop PHASE LOCKED LOOP, CQCC16
|
Vectron International, Inc
|
TRU050 |
Complete VCXO based Phase-Locked Loop
|
Vectron International, ...
|
STEVAL-IPB001V1 |
2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
|
STMicroelectronics
|
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
STEVAL-IHM031V1 |
Three phase low voltage inverter power board for FOC and scalar motor control based on STS8DNH3LL MOSFET 3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
|
ST Microelectronics STMicroelectronics
|
UM2095 |
Getting started with the X-NUCLEO-IHM11M1 low voltage 3-phase brushless DC motor driver expansion board based on STSPIN230
|
STMicroelectronics
|
STEVAL-IHM035V1 |
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM?nano)
|
STMicroelectronics
|
HIP4083APZ |
80V, 300mA Three Phase High Side Driver 0.3 A HALF BRDG BASED MOSFET DRIVER, PDIP16
|
Intersil, Corp.
|
RXE040 |
Poly Switch PTC DEVICES
|
MACOM[Tyco Electronics]
|