PART |
Description |
Maker |
LT3502AIMSTRPBF LT3502AEMSPBF LT3502AIMSPBF LT3502 |
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.1 A SWITCHING REGULATOR, 2800 kHz SWITCHING FREQ-MAX, PDSO10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 2800 kHz SWITCHING FREQ-MAX, PDSO10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PDSO10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.1 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PDSO10 1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm x 2mm DFN and MS10; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PDSO8 1.1 A SWITCHING REGULATOR, 2800 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3539 |
1MHz/2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LTC3526L LTC3526LB |
500mA 1MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LTC3400B LTC3525-3 LTC3526EDC-2 |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN 500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
|
Linear Technology Linear Integrated Syste...
|
LTC3526BEDC-2-PBF LTC3526EDC-2-PBF LTC3526BEDC-2-T |
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN 500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm ? 2mm DFN 500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm 隆驴 2mm DFN
|
Linear Technology
|
MAX8640Y0710 MAX8640YEXT11T MAX8640YEXT18T MAX8640 |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products
|
LT1930 LT1930A |
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
Linear Technology
|
LTC3527 |
1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology Corporation
|
EL7516 |
600kHz/1.2MHz PWM Step-Up Regulator(600kHz/1.2MHz PWM升压稳压
|
Intersil Corporation
|
LTC3526BEDCTRPBF |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.7 A SWITCHING CONTROLLER, 1300 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
APW7093NI-TRL APW7093QAI-TR APW7093QAI-TRL APW7093 |
3A, 1MHz, Step Down DC/DC Regulator
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|