PART |
Description |
Maker |
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
SS26 SS26AAA SS26ABA SS26ABC SS26BAA |
SS26 (SuperSIP) DC/DC converter 5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
|
C&D Technologies
|
MPQ24S5-50 MPQ24S5-50B MPQ24S5-50C MPQ24S5-50R |
50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LANC4833UW12 LANC4833UW12-S |
DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC4805DW8 |
DC/DC Converter 36-75 VDC Input ±5.0 VDC Output at ±0.8A
|
Wall Industries,Inc.
|
LANC4805UW12-S |
DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC4812UW12-S |
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC125.1W12 LANC125.1W12-S |
DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
WC302 WC306 |
DC/DC converter. Input voltage 36-72 VDC. Output voltage 12 VDC. Output current 1250 mA. Input current 20 mA(no load), 370 mA(full load). DC/DC converter. Input voltage 36-72 VDC. Output voltage -15 VDC. Output current -500 mA. Input current 20 mA(no load), 365 mA(full load).
|
International Power Sources
|
LANC1212DW12 LANC1212DW12-S |
DC/DC Converter 9-18 VDC Input ±12 VDC Output at ±0.5A DC/DC Converter 9-18 VDC Input 【12 VDC Output at 【0.5A
|
Wall Industries,Inc.
|