PART |
Description |
Maker |
SI2301BDS-T1 |
2200 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
VISHAY SILICONIX
|
DSN-2000A-219 |
50Ω 1200 to 2200 MHz 50楼? 1200 to 2200 MHz
|
Mini-Circuits
|
PE9601EK 9601-00 9601-01 9601-11 PE9601 |
2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications 2200 MHz UltraCMOS?/a> Integer-N PLL for Rad Hard Applications 2200 MHz UltraCMOSInteger-N PLL for Rad Hard Applications 2200 MHz UltraCMOS⑩ Integer-N PLL for Rad Hard Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
N0606YS220 |
1199 A, 2200 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
VCO3069 |
2200-2500MHz VCO
|
CTS Corporation
|
AR242 AR242S22 |
2200 V, 830 A, 6.5 kA rectifier diode
|
POSEICO SPA POSEICO[Power Semiconductors]
|
TQ1303-1308 |
Splitter Family (700-2200 MHz)
|
TriQuint Semiconductor
|
2224-12L |
12 W, 22 V, 2200-2400 MHz common base transistor BJT
|
GHz Technology
|
C927U222MYWDAA7317 |
Ceramic, Safety, C900_Y, 2200 pF, 20%, Y5U, Lead Spacing = 7.5mm
|
Kemet Corporation
|
NACZF222K6.3V16X17TR13F |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, SURFACE MOUNT
|
NIC Components, Corp.
|
|