PART |
Description |
Maker |
UPD46128953F1-EB1 UPD46128953-X UPD46128953-E15X U |
128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
|
NEC
|
MC68HC000CFN10 MC68HC000CFN12 MC68HC000CFN16 MC68H |
Microprocessor, sixteen 32-bit data and address registers, 16-Mbyte direct addressing range, memory-mapped input/output (I/O), 14 addressing modes, 10MHz Microprocessor, sixteen 32-bit data and address registers, 16-Mbyte direct addressing range, memory-mapped input/output (I/O), 14 addressing modes, 12MHz Microprocessor, sixteen 32-bit data and address registers, 16-Mbyte direct addressing range, memory-mapped input/output (I/O), 14 addressing modes, 16MHz Microprocessor, sixteen 32-bit data and address registers, 16-Mbyte direct addressing range, memory-mapped input/output (I/O), 14 addressing modes, 8MHz
|
Motorola
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PXAS30KFA PXAS31KFBE PXAS37KFBE PXAS31KFA PXAS37KB |
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16 MB address range XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range VRSTR 18VDC 14VAC 22PF SMD-0603 TR-7 NI/SN100
|
Philips Semiconductors NXP
|
MC68010P8 MC68EC000FU8 |
Microprocessor, 16-/ 32-bit data and address registers, 16-Mbyte direct addressing range, memory-mapped input/output (I/O), 14 addressing modes, 8MHz
|
Motorola
|
IDT74ALVCHS162830DFG IDT74ALVCHS162830 IDT74ALVCHS |
3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HI-8684PST-10 HI-8683 HI-8683PJI HI-8683PJT HI-868 |
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN (HI-8683 / HI-8684) ARINC INTERFACE DEVICE ARINC 429 & 561 SERIAL DATA TO 8-BIT PARALLEL DATA ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA System component for interfacing incoming ARINC 429 signals to 8-bit parallel data
|
http:// HOLTIC[Holt Integrated Circuits] HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuit...
|
PI74AVC16345 PI74AVC16345A PI74AVC16345K PI74AVC16 |
2.5V Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs 2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
M66009FP |
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
|
Renesas Electronics Corporation
|
K7R323682MK7R321882MK7R320882M |
1Mx36-bit, 2Mx18-bit, 4Mx8-bit QDRII b2 SRAM Data Sheet
|
Samsung Electronic
|
SN74SSQE32882 SN74SSQE32882ZALR SN74SSQE32882-17 S |
<font color=red>[Old version datasheet]</font> 28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
|
TI store
|
AD8401CHIPS AD8401AR AD8401 |
8-Bit I/O Port 8-Bit/ 4-Channel Data Acquisition System 8-Bit, 4-Channel Data Acquisition System SPECIALTY ANALOG CIRCUIT, UUC28
|
Analog Devices, Inc.
|