PART |
Description |
Maker |
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT138-800 BT138-800F BT138-800G BT138 BT138-500 BT |
Triacs sensitive gate CAP, 0.1UF, 100V, 5%, POLYESTER Triacs(双向可控 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
Z0409NF0AA2 Z04 Z0410SF Z0402MF Z0402MF0AA2 Z0402N |
4A TRIACS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMICROELECTRONICS[STMicroelectronics]
|
BTA140B BTA140B-500 BTA140B-600 BTA140B-800 |
Triacs 500 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T0809XH T0805XH T0805NH |
800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SENSITIVE GATE TRIACS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BT139X-500E BT139X-600E BT139X-800E |
Triacs sensitive gate(双向可控硅敏感门) 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP Semiconductors N.V. Philips Semiconductors
|
MAC15A8 MAC15-10 MAC15A4 MAC15-8 MAC15-6 |
TRIACs 15 AMPERES RMS 200 thru 800 VOLTS 600 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
BTA08B BTBA08-800B BTB08-400B |
Standard Triacs(标准双向可控 Transient Voltage Suppressor Diodes 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
意法半导 STMICROELECTRONICS
|