PART |
Description |
Maker |
TDA7497 |
10W 10W 10W/15W TRIPLE AMPLIFIER 10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
TDA7297D |
10W 10W DUAL BRIDGE AMPLIFIER
|
ST Microelectronics STMicroelectronics
|
TDA7269SA |
10W+10W STEREO AMPLIFIER WITH MUTE & ST-BY
|
STMicroelectronics
|
NSD10-12D12 NSD10-12D15 NSD10-12D5 NSD10-12S12 NSD |
10W DC-DCRegulated Single Output 10W DC-DC Regulated Dual Output
|
Mean Well Enterprises Co., Ltd.
|
LV4900HR |
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W】2ch
|
Sanyo Semicon Device
|
TDA7269 1567 |
10 10W Stereo Amplifier with Mute & ST-BY(10 10W带消音和备用的立体声放大 From old datasheet system 10 10W STEREO AMPLIFIER WITH MUTE & ST-BY 10 10W STEREO AMPLIFIER WITH MUTE & ST-BY
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DRA10-15 DRA10-05 |
AC - DC DIN RAIL MOUNTABLE 10W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
|
DB Lectro Inc.
|
STK4112 STK4112II |
AF Power Amplifier (Split Power Supply) (10W 10W min/ THD = 0.4%) AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
|
SANYO[Sanyo Semicon Device]
|
LV4924VH |
Class-D Audio power Amplifier Power cell BTL 10W×2ch
|
Sanyo Semicon Device
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
LA4280 |
2-Channel 10W AF Power Amp for Home Stereo/ TV Use 2-Channel 10W AF Power Amp for Home Stereo, TV Use From old datasheet system
|
Sanyo Semicon Device
|