PART |
Description |
Maker |
AT17LV010-10DP-SV AT17LV010-10DP AT17LV010-10DP-E |
Space FPGA Configuration EEPROM 1M X 1 CONFIGURATION MEMORY, DFP28
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
AT17LV256A-10JC AT17LV040A-10BJC AT17LV010A-10BJC |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQCC44 5015 RR 19#16 PIN PLUG FPGA配置EEPROM存储 FPGA Configuration EEPROM Memory 4M X 1 CONFIGURATION MEMORY, PQCC44 FPGA Configuration EEPROM Memory 1M X 1 CONFIGURATION MEMORY, DSO8 FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP44 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-TSSOP -55 to 125 FPGA配置EEPROM存储 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 FPGA Configuration EEPROM Memory FPGA配置EEPROM存储 高速CMOS逻辑可复位双重单稳态多谐振荡器 PDIP-16封装 工作温度55℃_125 5015 RR 19#16 SKT PLUG High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-PDIP -55 to 125 5015 RR 8#16 PIN PLUG L/C High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SO -55 to 125 PhotoMOS Relay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Voltage:5V RoHS Compliant: No Connector assemblies, Ribbon (Flat); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-TSSOP -55 to 125 5015 RR 4#12 SKT PLUG High Speed CMOS Logic 4-Bit Parallel Access Register 16-TSSOP -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-PDIP -55 to 125 HV7 33W WCDMA NH780HS
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
PUMA68F64006AM-15 PUMA68F64006AM-15E PUMA68F64006A |
4NS, 144 TQFP, COM TEMP(FPGA) 2NS, 240 PQFP, COM TEMP(FPGA) 15K GATE, 4NS, 84 PLCC, IND TEMP(FPGA) EEPROM 4NS, 100 VQFP, COM TEMP(FPGA) EEPROM 9K GATE, 2NS, 132 BQFP, IND TEMP(FPGA) EEPROM
|
ON Semiconductor
|
ST25E16 ST24E16 ST24EB3TR ST24EB6TR ST24EM1TR ST24 |
SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 16K (2K X 8) EEPROM 16 Kbit Serial I 2 C EEPROM with Extended Addressing (ST24E16 / ST25E16) 16 Kbit Serial I2C EEPROM with Extended Addressing CONFIGURATION DEVICE, 16MBIT,UBGA88; Memory type:Configuration FLASH; Interface type:Serial, Parallel; Memory size:16Mbit; Memory configuration:2MB; Time, access:90ns; Frequency:66.7MHz; Temp, op. min:0(degree C); Temp, op. RoHS Compliant: Yes 16 Kbit Serial I2C EEPROM with Extended Addressing 16千位串行I2C EEPROM,带有扩展寻址
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
XC1700E XC1701LPC20C XC1701LPC20I XC1701LPD8C XC17 |
Configuration PROM. XC1700E and XC1700L Series Configuration PROMs IC,EPROM,128KX1,CMOS,DIP,8PIN,PLASTIC From old datasheet system Configuration PROMs 4M X 1 CONFIGURATION MEMORY, PQFP44 Configuration PROMs 256K X 1 CONFIGURATION MEMORY, PQCC20
|
Xilinx Inc XILINX[Xilinx, Inc] Xilinx, Inc.
|
AT17F16A-30CC AT17F16A-30CI AT17F16A-30CU AT17F16A |
FPGA Configuration Flash Memory
|
ATMEL Corporation
|
AT17F16-30JU AT17F16-30BJC AT17F16-30BJI AT17F16-3 |
FPGA Configuration Flash Memory
|
ATMEL Corporation 聚兴科技股份有限公司
|
AT17C010-10CI AT17C010-10CC AT17C512-10CC AT17C512 |
Configuration EEPROM 配置EEPROM
|
YEONHO Electronics Co., Ltd.
|
XC3330A-6PQ100C XC3390A-3PQ208C XC3330L-8PC44I XC3 |
FPGA, PQFP100 FPGA, PQFP208 FPGA, PQCC44 FPGA, PQFP64
|
XILINX INC
|
AT42QT1110-AZ AT42QT1110-MZ |
Device configuration can be stored in EEPROM
|
ATMEL Corporation
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|