PART |
Description |
Maker |
ADD155-C |
155W Dual Output with Battery Charging UPS Function
|
Astrodyne Corporation
|
MAX8845ZETC MAX8845YETC MAX8845Y MAX8845Z |
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
|
Maxim Integrated Products
|
M38747M4T-XXXFS M38747M4T-XXXGP M38748E4T-XXXFS M3 |
DCM37PP Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC 0 to 70 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC -40 to 85 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 0 to 70 BATTERY, SILVER OXIDE, V317; Voltage, output:1.5V; Capacity, energy storage:12.5mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.18g RoHS Compliant: NA BATTERY, SILVER OXIDE, V315; Voltage, output:1.5V; Capacity, energy storage:21mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.6mm; Diameter, body:7.9mm; Battery size code:Button; Weight:0.33g RoHS Compliant: NA BATTERY, SILVER OXIDE, V319; Voltage, output:1.5V; Capacity, energy storage:18mAh; Technology, Battery:Silver Oxide; Length / Height, external:2.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.31g RoHS Compliant: NA Global Limit Switches Series GLS: Wobble - Coil Spring, 2NC Slow Action, 20 mm CABLE FLAT FLEX 16POS 1MM 2,1 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-MSOP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP 0 to 70 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 192280030 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 14-SOIC -40 to 85 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 10-MSOP -40 to 85 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 14-SOIC 0 to 70 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-TSSOP -40 to 85
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Renesas Electronics, Corp. http:// Mitsubishi Electric Sem...
|
LTC1559CGN-5 LTC1559CGN-3.3 LTC1559-3.3 |
Backup Battery Controller with Fixed Output BATTERY CHARGE CONTROLLER, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1558CS-3.3 LTC1558CS-5 155833 LTC1558CGN-3.3 LT |
Backup Battery Controllerwith Programmable Output Backup Battery Controller with Programmable Output
|
Linear Technology
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
ADM692 ADM693 ADM694 ADM690 ADM695 ADM690-ADM695 A |
Microprocessor Supervisory Circuits(283.09 k) 微处理器监控电路83.09十一 P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, Active Low Reset and 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.65V Threshold Voltage, Active Low Reset and 100mA Output Current Functions: 4.65 V Reset, Battery Switchover, Watchdog Timer, Power Fail Input Microprocessor Supervisory Circuits 微处理器监控电路 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, CDIP8 µP Supervisor with Backup Battery Switchover, Adjustable Reset Period; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16
|
Intersil, Corp. Molex, Inc. Analog Devices, Inc.
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
|