PART |
Description |
Maker |
71349-1051 |
2.54mm (.100") Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, Shrouded,38 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, without Press-fit Plast
|
Molex Electronics Ltd.
|
P090S-14F20CR100K P090 P090L P090L-01F20AR100K P09 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.03 W, 10000 ohm ROHS COMPLIANT 9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
|
BI Technologies, Corp. BITECH[Bi technologies]
|
249-002 |
Conductive O-Ring
|
Glenair, Inc.
|
RO300BF1A202 RO300BF1A502 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 1.5 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 1.5 W, 5000 ohm ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
UPJ1H681MDD UPJ1C332MHD UPJ1C332MPD UPJ1C332MDD UP |
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 1000 uF, THROUGH HOLE MOUNT CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 1200 uF, THROUGH HOLE MOUNT CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS 导电性高分子铝固体电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
148DXJ32F103SE 149DXJ32F103SE 148DXJ32F103SP 149DX |
1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
|
Vishay Siliconix
|
T525T687M2R5ATE040 T525 T525B107M003AHE040 T525B10 |
CONDUCTIVE POLYMER CHIP CAPACITORS
|
KEMET[Kemet Corporation]
|
T525D227M004AE025 T525D227M006AE025 T525D227M010AE |
CONDUCTIVE POLYMER CHIP CAPACITORS
|
Kemet Corporation
|
APXH100ARA151MH70G APXH6R3ARA151MH70G APXH200ARA47 |
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
|
United Chemi-Con, Inc.
|
|