PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
AMS1505CMV AMS1505CMV-15 AMS1505CMV-25 AMS1505CMV- |
5A ULTRA LOW DROPOUT VOLTAGE REGULATORS 1.5V 5A ultra low dropout voltage regulator 2.85V 5A ultra low dropout voltage regulator 3.0V 5A ultra low dropout voltage regulator 3.3V 5A ultra low dropout voltage regulator 5.0V 5A ultra low dropout voltage regulator 3.5V 5A ultra low dropout voltage regulator
|
http:// ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
NCP623DM NCP623MN NCP623 NCP623MN-5.0R2 NCP623DM-3 |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, DSO6
|
ONSEMI[ON Semiconductor]
|
AND8139D NL17SV16XV5T2 AND8139 NL17SV00XV5T2 NL17S |
2-Input OR Gate, Ultra-Low Voltage Non Inverting Buffer, Ultra Low Voltage Single 2-Input NOR Gate, Ultra-Low Voltage Single 2-Input NAND Gate, Ultra-Low Voltage ULTRA-LOW VOLTAGE MINIGATE DEVICES SOLVE 1.2 V INTERFACE PROBLEMS
|
ONSEMI[ON Semiconductor]
|
NCP623MN-40R2 NCP623DM-30R2G NCP623DM-40R2 NCP623D |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3.3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 2.8 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6
|
ON Semiconductor
|
RT2515A |
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
|
Richtek Technology Corporation
|
MC33263 MC33263NW-28R2 MC33263NW-30R2 MC33263NW-32 |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 2.8 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6
|
ONSEMI[ON Semiconductor]
|
NCV8716MT33TBG NCV8716MT25TBG |
80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
|
ON Semiconductor
|
NCP5661MNADJT2G NCP5661DT18RKG NCP5661DT33RKG NCP5 |
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
|
ON Semiconductor
|
NCP5663 NCP5663DS15R4G NCP5663DSADJR4G |
LOW OUTPUT VOLTAGE, ULTRA−FAST 3.0 A LOW DROPOUT LINEAR REGULATOR WITH ENABLE
|
ON Semiconductor
|