PART |
Description |
Maker |
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
LB1939T LB1939T09 ENN6194 |
2 Channel H Bridge Constant Voltage/Constant Current Driver IC Stepping Motor Drivers (1, 1-2 phase excitation): 3 V constant-voltage/constant-current 2-channel bidirectional motor driver
|
Sanyo Semicon Device
|
A6276 A6276ELW 6276 A6276EA A6276SLW A6276SA |
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT CONSTANT CURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT/ CONSTANTCURRENT LATCHED LED DRIVER 16-BIT SERIAL-INPUT/ CONSTANT CURRENT LATCHED LED DRIVER ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom 16-Bit Serial-Input, Constant-Current Latched LED Driver
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
INK1003 |
3-Channel constant current LED driver
|
Greeled Electronic
|
AS1110 AS1110-BQFR AS1110-BQFT AS1110-BSST AS1110- |
Constant-Current, 16-Channel LED Driver with Diagnostics
|
austriamicrosystems AG
|
DM163 |
8x3-CHANNEL CONSTANT CURRENT LED DRIVER
|
ETC
|
TC62D776CFG TC62D776CFG-15 |
16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
|
Toshiba Semiconductor Marktech Corporate
|
CAT4104V-GT3 CAT4104VP2-GT3 |
700 mA Quad Channel Constant Current LED Driver
|
ON Semiconductor
|
LT1618 LT1618EMS LTC3216 LTC3490EDD LTC3490ES8 LTC |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter SINGLE CELL 350MA LED DRIVER
|
Linear Technology Corporation LINER[Linear Technology]
|
DM413 |
3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
|
Silicon Touch Technology Inc.
|