PART |
Description |
Maker |
SSM3K05FU |
Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHALLEL MOS TYPE
|
Toshiba Semiconductor
|
SSM3J09FU |
Field Effect Transistor Silicon P Channel MOS Type Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
Toshiba Semiconductor
|
2SK3403NBSP 2SK3403 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
PTF10021 |
30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor 30瓦,1.4-1.6 GHzGOLDMOS场效应晶体管 30 Watts/ 1.4-1.6 GHz GOLDMOS Field Effect Transistor 30 Watts, 1.4.6 GHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics
|
PTF10154 |
85 Watts/ 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85瓦,1.93-1.99 GHz的GOLDMOS场效应晶体管 85 Watts 1.93-1.99 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson]
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STS2306 |
N-Channel Enhancement Mode Field Effect Transistor N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics Corp.
|
SSM3K17FU |
Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
2SK2613 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
|
TOSHIBA[Toshiba Semiconductor]
|
MTD3055VL MTD3055VLNL |
N-Channel Logic Level Enhancement Mode Field Effect Transistor 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 From old datasheet system M-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|