PART |
Description |
Maker |
SCM030200 |
MOSFET BASED DC SOLID STATE RELAY
|
celduc-relais
|
SCI0100600 |
IGBT BASED DC SOLID-STATE RELAY
|
celduc-relais
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
VNQ690SP13TR |
Quad channel high side solid state relay BUF OR INV BASED PRPHL DRVR, PDSO10 SO-10
|
STMicroelectronics ST Microelectronics
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
QTLP912-2 QTLP912-3 QTLP912-4 QTLP912-9 QTLP913 QT |
SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS Green Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp SUBMINIATURE T-3/4 (1.9mm) SOLID STATE LAMPS Green Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ASSR-4118 ASSR-4119 ASSR-4128 ASSR-4128-502E ASSR- |
Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35) Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35? Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
|
AVAGO TECHNOLOGIES LIMITED
|
HLMP-D640 HLMP-D400 HLMP-D401 HLMP-D600 HLMPD401B4 |
T-1 3/4 (5mm) SOLID STATE LAMPS PURE GREEN T-1 3/4 (5mm) SOLID STATE LAMPS SOFT ORANGE Pure Green Tinted T-1 3/4 (5 mm) Solid State Lamp T-1 3/4 5mm SOLID STATE LAMPS Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP -40 to 85 Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 85
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|