PART |
Description |
Maker |
M1219-2 |
Communications, Neodymium Iron Boron (NdFeB) Nickel plated Magnet
|
Comus Group of Companies
|
ICS1700AM ICS1700AST ICS1700AN ICS1700AMT ICS1700A |
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries QuickSaver充电控制器的镍镉和镍氢电
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
5102-0-00-15-00-00-33-0 1502-0-00-80-00-00-33-0 |
BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
MILL-MAXMFGCORP-2601-0-17-80-30-84-02-0 2602-0-17- |
BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER, TIN LEAD (100) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1261-0-15-15-30-27-04-0 1261-0-15-15-30-02-04-0 12 |
BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER, TIN LEAD (100) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
0350-0-15-80-07-80-10-0 8837-0-15-01-14-27-10-0 03 |
BERYLLIUM COPPER, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
0679-0-15-80-30-27-10-0 0679-0-15-80-30-02-10-0 70 |
BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER ALLOY, TIN LEAD (100) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER ALLOY, TIN (100) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER, TIN (100) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
PF90-22 PF90-13 PF90-19 PF90-10 PF90-17 PF90-28 PF |
1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 36000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 25000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 60000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1750 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1750000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 750000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8600 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 30000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 20000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 150000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 40000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4300 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
|
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
0008550102 08-55-0102 |
KK? Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating KK垄莽 Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating MOLEX Connector
|
Molex Electronics Ltd.
|
|