PART |
Description |
Maker |
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
DPA423P-TL DPA424 DPA425R-TL DPA426 |
Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 高度集成的DC - DC转换器IC为分布式电源架构 Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PSSO6 (DPA423 - DPA426) Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
|
Power Integrations, Inc.
|
ZXSC420E6TA ZXSC410 ZXSC410E6TA ZXSC420 |
Multi Cell System Power Boost Converter VOLTAGE MODE BOOST CONVERTER
|
Zetex Semiconductors
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
NCP1081 NCP1081DEG NCP1081DER2G |
Integrated 40 W High Power PoE-PD & DC-DC Converter Controller (IEEE 802.3at Draft 3.0) SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Integrated High Power PoE-PD Interface & DC-DC Converter Controller
|
ON Semiconductor
|
IRFH3702PBF10 IRFH3702PBF-15 |
HEXFET Power MOSFET Synchronous Buck Converter for Computer Processor Power
|
International Rectifier
|
TC3404_05 TC3404VPE TC3404VQR TC340405 |
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
|
MICROCHIP[Microchip Technology]
|
TC3404 TC3404VPE TC3404VQR |
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
|
MICROCHIP[Microchip Technology]
|
SW2658A |
Green Power Current Mode PWM power converter
|
SAMWIN
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
AN4105 |
Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
|
Fairchild Semiconductor Corporation
|