PART |
Description |
Maker |
OSWOR5 OSWOY5 OSWOW5 OSWOO5 OSWOM5 OSWOB5 OSWOG5 O |
LED Waterproof Light Long life, easy installation
|
OptoSupply International
|
A-LED8-1BBAS-MR7-1 |
Waterproof LED
|
Assmann Electronics Inc...
|
HLCP-A100 HLCP-B100 HLCP-C100 HLCP-D100 HLCP-E100 |
LED Light Bars Large bright, uniform light emitting areas SINGLE COLOR LED, RED, 19.05 mm
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
A-LED8-1RAAS-PR7-1-R AE10588 |
WATERPROOF LED - ROD COLOR, M8 SIZE CONNECTOR
|
Assmann Electronics Inc.
|
A-LED8-1WAAS-PR7-1-R AE10589 |
WATERPROOF LED - WHITE COLOR, M8 SIZE CONNECTOR
|
Assmann Electronics Inc.
|
LTPL-P00DWS57 |
High power LED light source Long life, up to 100k hours Instant light Iess than 100ns
|
Lite-On Technology Corp...
|
MAL-6001B-B08 MAL-6001E-E08 MAL-6001G-G08 MAL-6001 |
The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
|
Unity Opto Technology
|
A-LED8-1AAAS-MR7-1-R |
Waterproof LED - Red/Green color, M8 size connector, 酶3MM, Metal housing, Solder Type, IP67 unmated Waterproof LED - Red/Green color, M8 size connector, ?3MM, Metal housing, Solder Type, IP67 unmated
|
Assmann Electronics Inc.
|
HLMP-2400 HLMP-2500 HLMP-2600 HLMP-2650 HLMP-2700 |
Large area, umiform, bright light-emitting surfaces Orange 0.300 inch Seven Segment Display High Efficiency Green 0.300 inch Seven Segment Display LED LIGHT BARS RED LED LIGHT BARS YELLOW 7.6 mm (0.3 inch) Double Heterojunction AlGaAs Red Sunlight Viewable Display LED LIGHT BARS GREEN 7.6 mm (0.3-inch) Double Heterojunction AlGaAs Red Low Current Display (HLMP-2xxx) LED LIGHT BARS 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-MSOP-PowerPAD 0 to 70 100-MHz Low Noise Voltage-Feedback Amplifier, Dual 8-SOIC 350-MHz Ultra-Low Noise Voltage-Feedback Amplifier 8-MSOP-PowerPAD -40 to 85 100-MHz Low Noise Voltage-Feedback Amplifier 8-SOIC -40 to 85 100-MHz Low-Noise High-Speed Amplifier 8-CDIP -55 to 125 LED LIGHT BARS SINGLE COLOR LED, HIGH EFFICIENCY RED, 8.89 mm LED LIGHT BARS SINGLE COLOR LED ARRAY, YELLOW, 8.89 mm 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-SOIC 0 to 70 SINGLE COLOR LED, YELLOW, 19.05 mm LED SIGHT BARS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TLRH156P |
TOSHIBA LED Lamp InGaAP Red Light Emission TOSHIBA LED Lamp InGaA?P Red Light Emission TOSHIBA LED Lamp InGaAГP Red Light Emission
|
TOSHIBA[Toshiba Semiconductor]
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|