PART |
Description |
Maker |
EL5203ISZ-T13 EL5203IYZ-T13 ELS5102 EL5102 EL5102I |
400MHz Slew Enhanced VFAs Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:10mm; Body Length:10.2mm RoHS Compliant: No 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
KF410BV KF414BS KF518BV KF402BS KF402BV KF406BS KF |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE) 400MHz-500MHz Band(150ohm) SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE) 规格声表滤波器(带通滤波器00MHz520MHz的范围)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
PHOI04-I6 PH0104-16 |
CW Power Transistor/ 16W 30 - 400 MHz CW POWER TRANSISTOR, 16W, 30-400MHz 连续功率晶体管,16周,30 - 400MHz
|
Tyco Electronics
|
M68749 68749 |
RF POWER MODULE 380-400MHz, 12.5V, 5W, DIGITAL MOBILE RADIO From old datasheet system 380-400MHz / 12.5V / 5W / DIGITAL MOBILE RADIO
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
EM47DM1688SBA-125E EM47DM1688SBA-150 EM47DM1688SBA |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
EM44DM0888LBA EM44DM0888LBA-187F EM44DM0888LBA-25F |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
EM44CM1688LBB-3F EM44CM1688LBB-25F |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
MT8804A |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 5 V to 15 V
|
Zarlink Semiconductor
|
MT8809 |
8 x 8 Analog Switch Array with Low On-resistance, for VDD = 4.5 V to 13.2 V, with Chip Select
|
Zarlink Semiconductor
|
C8051F552-IM C8051F570-IM C8051F560-IQ C8051F561-I |
8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC24 Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
|
SILICON LABORATORIES
|
MT8816 |
8 x 16 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4. 5 V to 13.2 V, with Chip Select
|
Zarlink Semiconductor
|