PART |
Description |
Maker |
MCP73837 MCP73838 |
(MCP73837 / MCP73838) Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller
|
Microchip Technology
|
MCP73833_4 MCP73834-NVI_MF MCP73833 MCP73833-AMI_U |
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX1737 MAX1737EEI |
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
MCP73833-NVI/MF MCP73834-NVI/MF MCP73833-GPI/UN MC |
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
|
Microchip Technology Inc.
|
MCP73861 MCP73862 |
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers Advanced Single or Dual Cell, Fully Integrated Li-Ion /Li-Polymer Charge Management Controllers
|
MICROCHIP[Microchip Technology]
|
MCP73828-4.1VUA MCP73828-4.1VUATR MCP73828-4.2VUA |
The MCP73828 is a battery charger controller for single cell Lithium-Ion (Li-Ion) batteries. Using an external PMOS transistor, safe ...
|
Microchip
|
TS2207BCX6 TS2207 TS2207ACX6 |
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
|
TSC[Taiwan Semiconductor Company, Ltd]
|
MCP73841 MCP73841-410I_MS MCP73842 MCP73842-410I_M |
The MCP73844 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, advanced safety timers, automatic charge termination, and charge status indication in a space saving MSOP-8 package. The de The MCP73843 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, advanced safety timers, automatic charge termination, and charge status indication in a space saving MSOP-8 package. The de The MCP73842 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination, and charge status indication in a space The MCP73841 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination, and charge status indication in a space Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers 先进的单节或双节锂离锂聚合物充电管理控制 RESONATORS SAW 303.825MHZ SMD 先进的单节或双节锂离锂聚合物充电管理控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MCP73827 MCP73828 |
The MCP73827 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monito The MCP73828 is a battery charger controller for single cell Lithium-Ion (Li-Ion) batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include, over-current foldback, charge
|
Microchip
|
ST3237E ST3237EBD ST3237EBDR ST3237EBPR ST3237EBTR |
??5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY ±15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY 15KV ESD-PROTECTED 1mA 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY 【15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
UR7HCPXZ-P440 UR7HCPXZ-P440-FA |
Advanced “Click-to-Select No-DriftTM PS/2 Force Stick Controller Advanced ??lick-to-Select??No-DriftTM PS/2 Force Stick Controller PTSE 8C 8#16 PIN RECP 先进的“点击即可选择”无DriftTM的PS / 2力棒控制 Advanced “Click-to-SelectNo-DriftTM PS/2 Force Stick Controller Advanced Click-to-Select No-DriftTM PS/2 Force Stick Controller Advanced “Click-to-Select” No-DriftTM PS/2 Force Stick Controller Advanced Click-to-SelectNo-Drift PS/2 Force Stick Controller
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|