PART |
Description |
Maker |
LTC2401 LTC2402 LTC2401CMS LTC2401IMS LTC2402I 240 |
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 1-/2-Channel 24-Bit mPower ADC From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC2400 |
24-Bit uPower No Latency ADC in SO-8 24-Bit Power No Latency Delta-SigmaADC in SO-8
|
Linear Technology Corporation
|
LTC2430 LTC2431 LTC2431CMS LTC2430CGN LTC2431IMS L |
20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency Delta Sigma with Differential Input, 50/60Hz Rejection, SSOP-16 20-Bit No Latency Delta Sigma with Differential Input, 50/60Hz Rejection, MS10
|
LINER[Linear Technology]
|
LTC2413 LTC2413CGN LTC2413IGN |
24-Bit No Latency Delta Sigma with Simultaneous 50Hz/60Hz Rejection ADC, 24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
|
Linear Technology
|
LTC2436-1 LTC2440 LTC2436-1CGN LTC2436-1IGN |
2-Channel Differential Input 16-Bit No Latency DS ADC
|
Linear Technology
|
LTC2433-1IMS |
Differential Input 16-Bit No Latency DS ADC 差分输入16位ADC的无延迟局副局
|
Linear Integrated System, Inc
|
LT1236A-5 |
2-Channel Differential Input 16-Bit No Latency DS ADC
|
Linear Technology
|
LTC2410 |
24-Bit No Latency Delta SigmaADC with Differential Input and Differential Reference
|
Linear Technology
|
LTC2413CGNTR LTC2413CGNPBF |
24-Bit No Latency Delta Sigma ADC with Simultaneous 50Hz/60Hz Rejection ADC,
|
Linear Technology
|
LTC2439-1CGNPBF LTC2439-1CGNTR LTC2439-1IGNTR |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PI74FCT162244TSP PI74FCT162Q244DTB PI74FCT162Q244A |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
ON Semiconductor
|
LTC2408CGTRPBF LTC2408CGTR |
4-/8-Channel 24-Bit µPower No Latency Delta-Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp.
|