PART |
Description |
Maker |
HT66F016 HT68F016 |
(HT6xF01x) Enhanced Flash Type 8-Bit MCU
|
Holtek Semiconductor
|
HT66FB30 HT66FB40 HT66FB50 HT66FB60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
|
Holtek Semiconductor Inc
|
T89C51CC02CA-SISIM T89C51CC02UA-SISIM T89C51CC02UA |
Boot Code Section with Independent Lock Bits Enhanced 8-bit Microcontroller with CAN Controller and Flash Enhanced 8-bit Microcontroller with CAN Controller and Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28
|
ATMEL Corporation http:// Atmel, Corp.
|
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
PIC16F84AT-04I/PQTP PIC16F84A-04/SSQTP PIC16F84AT- |
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM位微控制器的闪存 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM8位微控制器的闪存
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18F022 |
8-Pin Enhanced FLASH Microcontroller with 10-bit A/D and 4096 x 8 on-chip FLASH Program Memory(8脚增强型闪速微控制器,0位A/D 096 x 8 片上闪速存储器)
|
Microchip Technology Inc.
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
PIC18F6627TIPTQTP PIC18F6527TIPTQTP PIC18F6527TIPT |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 64/80-Pin兆位,增强型闪存微控制器0位A / D和纳瓦技 64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 64/80-Pin1兆位,增强型闪存微控制器10位A / D和纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
AM29PDL127H68VKI AM29PDL127H65VKIN AM29PDL127H68VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 128兆位8米16位).0伏的CMOS只,页面模式同步写闪存与增强VersatileIO控制记忆 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 55 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 85 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 55 ns, PBGA80 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 128兆位米16位).0伏的CMOS只,页面模式同步写闪存与增强VersatileIO控制记忆
|
Advanced Micro Devices Spansion, Inc. Spansion Inc.
|
AT89C51CC02 AT89C51CC02CA-RATUM AT89C51CC02CA-SISU |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL[ATMEL Corporation]
|