PART |
Description |
Maker |
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDPF17N60NT FDP17N60N |
N-Channel MOSFET 600V, 17A, 0.34Ω N-Channel MOSFET 600V, 17A, 0.34惟 N-Channel MOSFET 600V, 17A, 0.34楼?
|
Fairchild Semiconductor
|
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
STQ1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh⑩II MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
FQP5N60C FQPF5N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU5N60C FQD5N60C FQD5N60CTM FQD5N60CTF FQU5N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|