PART |
Description |
Maker |
74LCX16501 74LCX16501MTD 74LCX16501MEA 74LCX16501M |
18-Bit Bus Transceiver Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IDT74ALVCH32501 |
3.3V CMOS 36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|
GTLP18T612G GTLP18T612GX GTLP18T612MEAX GTLP18T612 |
18-Bit LVTTL/GTLP Universal Bus Transceiver BUS TRANSCEIVER|SINGLE|18-BIT|CMOS|TSSOP|56PIN|PLASTIC
|
FAIRCHILD SEMICONDUCTOR CORP
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVT16501 74ALVT16501DL AV16501DL 74ALVT16501DGG |
2.5 V / 3.3 V 18-bit universal bus transceiver (3-State) 2.5V/3.3V 18-bit universal bus transceiver (3-State)(2.5V/3.3V 18位通用总线收发器(三态)) 2.5V/3.3V 18-bit universal bus transceiver 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ALVCH162601 74ALVCH162601DGG |
18-bit universal bus transceiver with 30Ω termination resistor (3-State)(30Ω终端电阻器的18位通用总线收发器(三态)) 18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ALVC162835 74ALVC162835T |
Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26з Series Resistors in Outputs 低电8位通用总线输入3.6V的容错驱动器/输出6з在输出串联电 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26 Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AV16600DGG AV16600DL 74ALVT16600 74ALVT16600DGG 74 |
2.5V/3.3V 18-bit universal bus transceiver 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BH16501ADL BH16501ADGG 74ABTH16501ADL 74ABTH16501A |
18-bit universal bus transceiver 3-State
|
Philips Semiconductors
|