PART |
Description |
Maker |
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
CY62147DV30 CY62147DV30LL-70ZSXI CY62147DV30L CY62 |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
M24D16161ZA-70BIG |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Elite Semiconductor Memory Technology, Inc. Elite Semiconductor Memory Technology Inc.
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
CY7C1021CV33-12ZSXE CY7C1021CV33-12ZSXET |
1-Mbit (64 K 16) Static RAM
|
Cypress
|