PART |
Description |
Maker |
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
VRPC-04C50A XRPC-04C50X VRPC-04C50W |
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
VRAH-05C250 SRAH-05C SRAH-05C120 SRAH-05C150 SRAH- |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A 1-OUTPUT 9 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
V7AH-05A330 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A 1-OUTPUT 16.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
0RCY-60TV20 0RCY-60T10 BELFUSEINC-0RCY-60T12LG |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick 1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
V7PB-10C25L V7PB-10C25S V7PB-10C18L V7PB-10C18S V7 |
1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE SIP-10 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
SRDC-16D180 SRDC-16D18D SRDC-16D18S |
NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A 1-OUTPUT 29 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
XRAH-10J07 XRAH-10J SRAH-10J100 SRAH-10J120 SRAH-1 |
NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|