PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MAX8882EUTQ5-T MAX8882EUTJ5 MAX8882EUTJ5T |
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc.
|
MC33762-D |
Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
|
ON Semiconductor
|
LT3023 |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
|
linear
|
LT3030EUFDPBF |
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
LR6155E6-LC LR6155E6-NC LR6155E6-QC LR6155E6-GC LR |
150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
|
Leshan Radio Company
|
AMC8877-1.8DBT AMC8877-2.5DBT AMC8877-2.8DBT AMC88 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 LOW NOISE 300mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
MAX8530EBTKG |
Dual Low-Dropout Linear Regulator with Reset or Low-Noise Output in UCSP or QFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA6
|
Maxim Integrated Products, Inc.
|
NCP2860 NCP2860DM277R2 |
300 mA Very Low Noise LDO 300 mA Very Low Noise, Low Dropout Linear Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
LT3023IMSE LT3023EDDTR LT3023IDDPBF |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|