PART |
Description |
Maker |
APA2037 APA2037QBI-TRG APA2037QBI-TRL |
3W Stereo Fully Differential Audio Power Amplifier
|
Anpec Electronics Coropration
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
CP2261 |
Fully Differential Audio Power Amplifier
|
CHIP
|
SPEMA2004A |
1.7W Mono Fully Differential Audio Power Amplifier
|
SeCoS Halbleitertechnologie GmbH
|
EUA6204ADIR1 |
3W Mono Fully Differential Audio Power Amplifier
|
Eutech Microelectronics Inc
|
1992-1I LTC1992-1 |
Gain of 1 Fully Differential Input/Output Amplifier/Driver From old datasheet system
|
Linear Technology
|
1992-10I LTC1992-10 |
Gain of 10 Fully Differential Input/Output Amplifier/Driver From old datasheet system
|
Linear Technology
|
BL6211 |
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
|
http:// SHANGHAI BELLING CO., LTD.
|
LTC1992-2 1992-2I |
From old datasheet system Gain of 2 Fully Differential Input/Output Amplifier/Driver
|
Linear Technology
|
TPA6204A1 TPA6204A1DRB TPA6204A1DRBG4 TPA6204A1DRB |
<font color=red>[Old version datasheet]</font> 1.7-W Mono Fully Differential Audio Power Amplifier
|
TI store
|
AT49LV002T-70TI AT49BV002T-12TC AT49LV002T-12TC AT |
LM4897 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out; Package: MINI SOIC; No of Pins: 10 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9 LM4250 Programmable Operational Amplifier; Package: TO-99; No of Pins: 8 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4890 1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 LM4888 Boomer ® Audio Power Amplifier Series Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement; Package: LLP; No of Pins: 24 LM41 Hardware Monitor with Thermal Diode Inputs and SensorPath™ Bus; Package: TSSOP; No of Pins: 14 LM4894 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: LLP; No of Pins: 10 LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM48861 PowerWise® Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM4890 1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4880 Boomer ® Audio Power Amplifier Series Dual 250 mW Audio Power Amplifier with Shutdown Mode; Package: SOIC NARROW; No of Pins: 8 MB41C 41#20 SKT RECP MB 41C 41#20 PIN RECP LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset; Package: MICRO SMD; No of Pins: 16 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PQCC32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 LM4884 Boomer ® Audio Power Amplifier Series 2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown; Package: TSSOP EXP PAD; No of Pins: 20 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 MB 21C 21#16 PIN RECP 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 70 ns, PDIP32 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9
|
Atmel Corp. Atmel, Corp.
|
|