PART |
Description |
Maker |
KAD5512P KAD5512P-12Q48 KAD5512P-12Q72 KAD5512P-17 |
Low Power 12-Bit, 250/210/170/125MSPS ADC
|
ETC
|
KAD5512HP-25Q48 KAD5510P-50 |
High Performance 12-Bit, 250/210/170/125MSPS ADC
|
Renesas Electronics Corporation
|
LTC2175IUKG-14 LTC2175IUKG-14PBF LTC2175IUKG-14TRP |
14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
|
Linear Technology
|
ISLA216P25 KMB-001CEVALZ KMB-001LEVALZ ISLA214IR72 |
High Performance 14-Bit, 125MSPS ADC
|
Intersil Corporation
|
LTC2250 LTC2250CUH LTC2250IUH LTC2251 LTC2251CUH L |
10-Bit, 125Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32 10-Bit, 125/105Msps Low Noise 3V ADCs
|
Linear Technology, Corp.
|
KAD5512HP-17Q72 KAD5512HP-25Q72 KAD5512HP-12Q48 KA |
12-Bit, 210MSPS Single-Channel ADC with LVDS/LVCMOS Outputs 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 48-QFN 12-Bit, 250MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 170MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN
|
INTERSIL CORP
|
LTC1418ACN LTC1418AIN LTC1418C LTC1418I LTC1418IN |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O 低功耗,14位,高达200ksps的串行和并行I ADC的输输出 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-SOIC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-TSSOP 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power/ 14-Bit/ 200ksps ADC with Serial and Parallel I/O
|
Linear Technology, Corp.
|
MAX11167ETCT MX7672KP10T MX7672LP10T MX7572LCWG05- |
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN High-Speed 12-Bit ADC with External Reference Input 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete High-Speed CMOS, 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS, µP Compatible, 4µs, 8-Bit ADC 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO18 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
K4H560838D-TC/LB0 K4H560838D-TC/LA2 K4H560838D-TC/ |
64M X 4 DDR DRAM, 0.7 ns, PDSO66 Quad Wide Bandwidth High Output Drive Single Supply Op Amp 20-HTSSOP -40 to 125 256Mb 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PDIP 256Mb 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PLCC 256Mb 10-Bit, 400 kSPS ADC Serial Out, SPI/DSP Compatible I/F, Power Down, 8 Ch. 20-SOIC -40 to 85 10-Bit, 400 kSPS ADC Serial Out, SPI/DSP Compatible I/F, Power Down, 8 Ch. 20-TSSOP -40 to 85
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
|