PART |
Description |
Maker |
HCHR005-128 HCHR024-224 HCHR005-206 HCHR007-205 HC |
Receptacle With No Tail Receptacle With A Wire Wrap Tail Analog IC 模拟IC
|
TE Connectivity, Ltd. Delta Electronics, Inc.
|
0385-0-15-01-43-27-10-0 |
Receptacle With No Tail
|
Mill-Max
|
3100-0-15-01-34-01-10-0 |
Receptacle With No Tail
|
Mill-Max
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
0149-0-15-01-30-02-04-0 |
Receptacle With A Standard Tail
|
Mill-Max
|
74320-4003 0743204003 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123) PC Tail Length, Right Angle, 0.76μm (30μ) Gold MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123") PC Tail Length, Right Angle, 0.76楼矛m (30楼矛)
|
Molex Electronics Ltd.
|
71661-7030 71661-7040 71661-7050 71661-7060 71661- |
BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
|
MolexKits
|
74320-4001 0743204001 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050) PC Tail Length, Right Angle, 0.76μm (30μ) Gold MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050") PC Tail Length, Right Angle, 0.76楼矛m (30楼矛
|
Molex Electronics Ltd.
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
0890746821 |
1.27mm Pitch PC Card Receptacle - Straddle Mount, Offset Tail Versions MOLEX Connector
|
Molex Electronics Ltd.
|
0743205004 74320-5004 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold Flash, Lead Free, 2.34mm (.092) P.C. Tail Length, 24 Circuits MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold Flash, Lead Free, 2.34mm (.092") P.C. Tail Length, 24 Circ
|
Molex Electronics Ltd.
|
|