PART |
Description |
Maker |
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST72631K4B0 ST72632K4B0 ST72633K4B0 ST72E631K4B0 S |
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 8-BIT MICROCONTROLLER (MCU) FOR LOW SPEED USB WITH UP TO 16K MEMORY,UP TO 512 BYTES RAM, ADC, WDG, TIMER, SCI & I2C, SDIP32-SO34 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
ST Microelectronics
|
ST7260K1U1/XXX ST7260K2U1/XXX ST7260E2M1/XXX ST726 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
|
STMicroelectronics
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
STMICROELECTRONICS[STMicroelectronics]
|
C8051T621-GM C8051T321 C8051T320 C8051T320-GQ C805 |
Full Speed USB EPROM MCU Family
|
Silicon Laboratories
|
C8051F327-GM |
Full Speed USB, 16 kB Flash MCU Family
|
Silicon Laboratories
|
C8051F326 C8051F327 |
Full Speed USB, 16 kB Flash MCU Family
|
List of Unclassifed Manufacturers
|
C8051F321 C8051F320 |
(C8051F320 / C8051F321) Full Speed USB / 16k ISP FLASH MCU Family
|
Silicon Laboratories
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
ST72622L2M1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 低速USB 8 3端点,Flash或ROM存储器,内径,水分散粒剂0位ADC2个定时器,脊髓损伤和SPI位微控制
|
STMicroelectronics N.V.
|
|