PART |
Description |
Maker |
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
ADP3000AR-5-REEL ADP3000AR-3.3-REEL ADP3000AR-12-R |
SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 High Efficiency, Step-Up/Step-Down Switching Regulator
|
ANALOG DEVICES INC
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|
ISL97536IUZ |
Monolithic 1A Step-Down Regulator with Low Quiescent Current 1.5 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil, Corp.
|
EL7554IRE EL7554IRE-T13 EL7554IRE-T7 EL7554IREZ EL |
Monolithic 4 Amp DC-DC Step-Down Regulator 6 A SWITCHING REGULATOR, 440 kHz SWITCHING FREQ-MAX, PDSO28 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7551CUZ-T13 |
Monolithic 1Amp DC:DC Step-down Regulator 2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp.
|
EL7554IREZ-T13 |
Monolithic 4 Amp DC-DC Step-Down Regulator 6 A SWITCHING REGULATOR, 440 kHz SWITCHING FREQ-MAX, PDSO28
|
Intersil, Corp.
|