PART |
Description |
Maker |
USB-3488A ACL-IEEE488-4 ACL-IEEE488-2 ACL-IEEE488- |
High-Performance IEEE-488 GPIB Interface for USB/PCI
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
IOT7210 |
Low Power CMOS IEEE 488 Controller Device
|
ETC
|
NAT9914BPD NAT9914BPL NAT9914BPQ NAT9914 |
IEEE 488.2 Controller Chip
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BCM8220 BCM8220_04 BCM822004 |
2.488/2.667-Gbps SONET/SDH Transceiver 2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER 2.488/2.667 GBPS ULTRA LOW POWER SONET/SDH TRANSCEIVER
|
ETC BOARDCOM[Broadcom Corporation.]
|
UVQ-18_5.6-D24P-C |
Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
LTC4265IDE-PBF LTC4265CDE-PBF LTC4265CDE-TRPBF LTC |
LTC4265 - IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition; Package: DFN; Number of Pins: 12; Temperature Range: 0°C to 70°C IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
|
LINEAR TECHNOLOGY CORP
|
NU-73B94B-PG NU-73B94B-P-AG |
3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
BCM8220 |
2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER
|
BOARDCOM[Broadcom Corporation.]
|
SCD128310QCE CD1283 SCD1283 |
IEEE 1284-Compatible Parallel Interface
|
INTEL[Intel Corporation]
|
LTC4257 |
IEEE 802.3af PD Power-Over-Ethernet Interface Controller
|
Linear
|
LTC4257CDD LTC4257CS8 LTC4257IDD LTC4257IS8 |
IEEE 802.3af PD Power over Ethernet Interface Controller
|
Linear Technology
|