PART |
Description |
Maker |
UPD75P66 UPD75P56 UPD75P66G-511 UPD75P56CS-001 UPD |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator (UPD75P56 / UPD75P66) 4-Bit Single-Chip One-Time Programmable CMOS Microcomputers
|
NEC[NEC] NEC Electronics
|
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
TP87C54 TP87C54-20 TN87C54-20 AN87C54-20 AP87C54 A |
From old datasheet system CHMOS Single-Chip 8-Bit Microcontoller with 16 KBytes User Programmable EPROM CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
|
Intel Corporation
|
AN87C54 AN87C54-20 BP87C54-20 LP87C54-20 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM 8-BIT, OTPROM, 20 MHz, MICROCONTROLLER, PDIP40 CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44
|
Intel Corp. Intel, Corp.
|
LC864312A LC864316A LC864320A LC864324A LC864328A |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 8-Bit Single-Chip Microcontroller
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
ADP3209JCPZ-RL |
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
|
ON Semiconductor
|
LC865608 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
|
Sanyo Semicon Device
|
LC86P6449 LC866428 LC866448 LC866408 LC866412 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
HCF40161 HCF40161M013TR HCF40161B HCF40161BEY HCF4 |
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
E0C6244 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、单片微计算机(含EOC6200 4位CMOS中央处理器核芯,点阵LCD驱动器,可编程SVD电路,声音发生器
|
爱普生(中国)有限公
|