PART |
Description |
Maker |
HFCT-5912E HFBR-5912E HFBR-0562 HFBR-0564 |
Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications 评估板吨,个RJ千兆以太网多模应 Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications 评估板吨,个RJ千兆以太网多模和单模应用 HFCT-5912E · 1.25 Gbit/s SMF (10km) Small Form Factor Transceiver for Gigabit Ethernet (1000Base-LX) HFBR-5912E · 1.25 Gbit/s MMF (500m) SFF MT-RJ Transceiver for Gigabit Ethernet (1000Base-SX) HFBR-0564 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications HFBR-0562 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
RIF-3-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
V23818-H308-L57 |
Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LCConnector 纤巧多模850纳米622兆比秒的OC - 12收发器连接器会⑩ Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC⑩ Connector Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC Connector
|
Infineon Technologies AG
|
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
ARE13A03Z |
2.6GHz Relay, 1 Form C, 0.5A 30VDC Relay, 75ohms, SMD RF RELAY, SPDT, MOMENTARY, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 0.01A (CONTACT), 24VDC (CONTACT), 2600MHz, SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
0885279301 885279301 |
ST-to-ST, Multimode, 50/125μm, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84) ST-to-ST, Multimode, 50/125渭m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84) MOLEX Connector
|
Molex Electronics Ltd.
|
0885262202 885262202 |
LC-to-ST, Multimode, 62.5/125μm, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84) LC-to-ST, Multimode, 62.5/125渭m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84) MOLEX Connector
|
Molex Electronics Ltd.
|
LX5241 LX5241CDBK LX5241CPWK LX5242 LX5242CDBK LX5 |
MULTIMODE SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
|