PART |
Description |
Maker |
PDTC144EE PDTC144EEF PDTC144EK PDTC144EM PDTC144E |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟 NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
MPSH10 MPSH11 ON2346 MPSH10-D |
VHF/UHF Transistors NPN Silicon CASE 294, STYLE 2 TO2 (TO26AA) From old datasheet system VHF/UHF Transistors(NPN Silicon) (MPSH10 / MPSH11) VHF/UHF Transistors
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2DD1766P 2DD1766P-13 2DD1766R-13 2DD1766Q-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 2 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DXT2222A-13 DXT2222A |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
EMG2DXV5T5 EMG2DXV5T1 EMG2DXV5T1G EMG2DXV5T5G EMG5 |
Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ONSEMI[ON Semiconductor]
|
2SC1413 2N6371HV 2N6371 2SC1413A 2SC1454 2N3055 2N |
TO-3 Power Package Transistors (NPN) 3功率封装晶体管(NPN)的 TO-3 Power Package Transistors (NPN) 功率封装晶体管(NPN)的
|
ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Unknow
|
BC847C BC849B BC846B BC847B BC847A BC850B BC850C B |
NPN Silicon AF Transistors High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 Low-Noise-Transistors - VCEO=30V; ICM=200 mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
MJW16110 MJ16110 ON1988 |
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system NPN Silicon Power Transistors
|
Motorola Mobility Holdings, Inc. http:// MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|