PART |
Description |
Maker |
30FWJ2CZ47M |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE LOW FORWARD VOLTAGE SCHOTTKY BARRIER SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
U5GWJ2C48C 5GWJ2C48C |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATON CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
50SQ080 50SQ100 50SQ030 50SQ035 50SQ040 50SQ045 50 |
5 AMP SCHOTTKY POWER RECTIFIER V(rrm): 35V; 5A schottky barrier rectifier V(rrm): 40V; 5A schottky barrier rectifier
|
IRF[International Rectifier]
|
1N5818 1N5819 1N5817 |
Schottky Barrier Rectifier Diode(30V峰值反向电1A,肖特基势垒整流二极管) Schottky Barrier Rectifier Diode(40V峰值反向电1A,肖特基势垒整流二极管) Schottky Barrier Rectifier Diode(20V峰值反向电1A,肖特基势垒整流二极管)
|
ON Semiconductor
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
U5FWJ2C48M 5FWJ2C48M |
Toshiba Schottky Barrier Rectifier Stack, Schottky Barrier Type
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|