PART |
Description |
Maker |
AT80C5112 |
DC-DC Converter, 15Watt, Input VDC: 9~36, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C
|
Atmel Corp.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
SLIN-20F1AX SLIN-20F1AL SLIN-20F1A0 |
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
CP2000DC54 |
Compact Power Line Input: -40 to -72 Vdc; Outputs: ±54 Vdc at 2000W; 5 Vdc at 4W
|
Lineage Power Corporation
|
TOP412 TOP414 TOP412G TOP414G |
0-21 W Topswitchusing a 18-90 VDC Input Three-terminal DC to DC PWM Switch 0-21 W TOPSwitch using a 18-90 VDC input
|
POWER INTEGRATIONS INC POWERINT Power Integrations, Inc. Power Integrations Inc.
|
VRAH-02C50X XRAH-02C50X SRAH-02C50X SRAH-02C5000 S |
1-OUTPUT 7.5 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 3.0 VDC - 3.6 VDC INPUT 5.0 VDC/1.5 A OUTPUT
|
Bel Fuse Inc.
|
FLT007A0-SR FLT007A0-SRZ FLT007A0 FLT007A0Z |
75Vdc Input Voltage Maximum, 7A Output Current Maximum
|
Lineage Power Corporation
|
8540 |
Operates between 0-60 VDC, 1 mA-30 A (150 W maximum)
|
List of Unclassifed Man...
|
SRBC-30E2AL SRBC-30E2AL10 |
6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
|
Bel Fuse Inc.
|
VRBG-30A1A0 VRBG-30A1A010 |
8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
|
http:// Bel Fuse Inc.
|
BSX48 Q60218-X49 BSX49 Q60218-X48 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 10 Watts NPN SILICON PLANAR TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|