PART |
Description |
Maker |
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
P87C552 P87C552SBAA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
|
PHILIPS[Philips Semiconductors]
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX1112-MAX1113 MAX1113EEET MAX1113CEET MAX1112EAP |
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V,低功耗,多通道,串位ADC 5V / Low-Power / Multi-Channel / Serial 8-Bit ADCs
|
Maxim Integrated Products, Inc.
|
87LPC769 |
Low power, low price, low pin count(20 pin) microcontroller with 4 kB OTP and 8-bit A/D,and DAC( kB OTP位A/D和D/A转换的低功耗,低价格,少引脚(20引脚)的微控制器)
|
Philips Semiconductors
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
AD7788ARMZ-REEL AD7789BRMZ |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 Low Power, 16-/24-Bit, Sigma-Delta ADCs
|
Analog Devices, Inc.
|
IC62LV5128LL IC62LV5128L IC62LV5128L-55B IC62LV512 |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
|