PART |
Description |
Maker |
D2VW-01L2A-1HS D2VW-01L2A-1MS D2VW-01L1A-1HS D2VW- |
Sealed Snap Action Switch D2VW
|
Omron Electronics LLC
|
A-20GQ22-B A-20GV2-B A-20GV21 A-20GV21-B A-20GV22 |
Snap Action Switch
|
Omron Electronics LLC
|
D3M-01K3-3 D3M-01L3-3 D3M-01K1-3 D3M-01L2-3 D3M-01 |
Subminiature Snap Action Switch
|
Omron Electronics LLC
|
K5G K5G46.5NAU K5G46.5NAG |
Snap Action Key Switch
|
C&K Components
|
F1T8GPUL F1T8Y1GPUL |
SNAP ACTION SWITCH SPDT LEVER 5A 250VAC
|
SAIA-Burgess Electronics
|
SS-10 |
SNAP ACTION SWITCH SPDT PIN PLUNGER 10.1A 250VAC
|
Omron Electronics
|
S2A-T3 S2A-T1 S2G-T3 S2A S2M-T3 S2B-T1 S2B-T3 S2D- |
Series HDLS Plug-in: Side Rotary; 1NC 1NO SPDT Snap Action; 20 mm Explosion-Proof Limit Switches Series GXS: Top Plunger; 1NC 1NO SPDT Snap Action; 5 m Cable 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
CY8C24794-SPI CY8C24794-SPAX CY8C24794-SPLFX CY8C2 |
Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2 PSoCTM Mixed-Signal Array PSoCTM混合信号阵列 Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列
|
Cypress Semiconductor Corp.
|
MB2411E1W01 MB2461E1W01 MB2411E1W03 MB2461E1W03 MB |
Snap-Action Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry...
|
G13-00J G20-00A |
SWITCH SNAP PLAST SPDT .1A QC SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 3.3mm, PANEL MOUNT
|
THE CHERRY CORP
|
045501.6 0455.500 |
Snap Action Basic Switch; Contact Current Max:500mA; Circuitry:SPDT; Switch Terminals:Screw; Actuator Style:Hinge Lever; Current Rating:15A; Mounting Type:Screw Terminal; Operating Force Max:70gf; Operating Position:19 mm RoHS Compliant: Yes Surface Mount Fuses - Subminiature Surface Mount 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
DE3C-DCL DE3C-DCAA DE3C-AAL DE3L-CBL DE3L-CBAA DE1 |
Snap-Action Switches Seven terminal variations Snap-Action Switches Seven terminal variations
|
Hirose Electric
|