PART |
Description |
Maker |
BD9535MUV BD9535MUV08 |
Switching Regulators for DDR-SDRAM Cores
|
Rohm
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
STRF6600 STRF6624 STRF6628 STRF6632 STRF6652 STRF6 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Search --To STR-F6653 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS Off-Line Quasi-Resonant Flayback Switching Regulators
|
Allegro MicroSystems, Inc. ETC ALLEGRO[Allegro MicroSystems]
|
MAX631 MAX633XEJA MAX633XEPA MAX633XESA MAX633AEPA |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 CMOS Fixed/Adjustable Output Step-Up Switching Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1148HVIS-5PBF LTC1148LCSTRPBF LTC1148HVCS-3.3 |
High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO14
|
Linear Technology, Corp.
|
STR-S6401 STR-S6401F |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
|
Allegro MicroSystems, Inc.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
PSC5A11-2 PSC5A12-7IR PSC5A10-7IR PSC126-7IR PSC12 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO TVS BI-DIR 20V 1500W DO-201 6...12 A Switching Regulators
|
POWER-ONE[Power-One]
|
BD3538F BD3538F08 BD3538HFN |
Termination Regulators for DDR-SDRAM
|
Rohm
|
PSR53-7 PSA5A2-2 PSA153-2 PSA5A5-2 PSR52-7 PSR54-7 |
1...6 A Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
POWER-ONE[Power-One] http://
|