PART |
Description |
Maker |
BD2056AFJ BD2046AFJ-E2 BD2056AFJ-E2 |
2ch Small Current Output USB High Side Switch ICs
|
Rohm
|
BD2045AFJ BD2045AFJ09 BD2055AFJ-E2 BD2045AFJ-E2 |
1ch Small Current Output USB High Side Switch ICs
|
Rohm
|
AKD5371 AK5371AVQ AK5371A |
2ch A/D Converter with USB I/F
|
Asahi Kasei Microsystems
|
BD6512F BD6512F11 BD6513F BD6516F BD6517F |
2ch High Side Switch ICs for USB Devices and Memory Cards
|
Rohm
|
BL2556 |
1A USB Load Current Switch with 5V Output Voltage Limit
|
SHANGHAI BELLING CO., L...
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
SC7315 |
2CH OUTPUT STEREO AUDIO PROCESSOR
|
Silan Microelectronics
|
AKD4370 |
24-Bit 2ch DAC with HP-AMP & Output Mixer
|
Asahi Kasei Microsystems
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
MP62040DQFU-1 MP62040-1 MP62041-1 MP62040DQFU-1-LF |
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge 1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
|
Monolithic Power System... MPS Industries, Inc.
|