PART |
Description |
Maker |
AD8227ARMZ AD8227ARMZ-R7 AD8227ARMZ-RL AD8227ARZ A |
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier; Package: 8-pin; Temperature Range: -40°C to 125°C INSTRUMENTATION AMPLIFIER, 100 uV OFFSET-MAX, 0.25 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT6105 LTC2970 LTC2974 LTC2978 LTC4222 LTC2450 LTC |
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
|
Linear Technology
|
ADCMP60407 ADCMP604BKSZ-R2 ADCMP604BKSZ-REEL7 ADCM |
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator in a 12-lead LSCFP Package; Package: LFCSP (3x3mm); No of Pins: 12; Temperature Range: Industrial
|
ANALOG DEVICES INC
|
MAX1856 MAX1856EUB |
Wide Input Range / Synchronizable / PWM SLIC Power Supply " Wide-Input-Range, Synchronizable, PWM SLIC Power Supply" Wide Input Range Synchronizable PWM SLIC Power Supply From old datasheet system Wide Input Range, Synchronizable, PWM SLIC Power Supply Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 0 to 0 SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 宽输入范围、可同步的、PWM SLIC电源
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EL8176FSZ-T7 EL8176FIZ-T7 |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp; Temperature Range: Full-Range Ind; Package: 6-WLCSP T&R OP-AMP, 500 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PBGA6
|
Intersil, Corp. Intersil Corporation
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
LT1789CS8-10-PBF LT1789IS8-10-PBF LT1789CS8-10-TR |
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C INSTRUMENTATION AMPLIFIER, 100 uV OFFSET-MAX, 0.06 MHz BAND WIDTH, PDSO8 Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 160 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
EHA2-5195-5 EHA1-5195-5 EHA0-5190-6 EHA4-5190/883B |
14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers; Temperature Range: -40°C to 85°C; Package: 38-QFN T&R Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Murata Manufacturing Co., Ltd.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
DI-33 |
Wide Range DVD Supply: <50 mW No-load Consumption
|
POWERINT[Power Integrations, Inc.]
|
|