PART |
Description |
Maker |
7967-036 7967-037 7967-000-02 7967-002 |
OBC/LRT Deck Unit
|
Sonardyne sound in depth
|
111-006 110-404 110-904 110-906 |
GEHAEUSE POLYSTROL DECK GRAU 110X110X66 GEHAEUSE POLYSTROL DECK GRAU 110X110X90 GEHAEUSE POLYSTROL DECK GRAU 180X110X111 GEHAEUSE POLYSTR DECK TRANSP 180X110X90 GEHAEUSE POLYSTR甲板运输180X110X90
|
ITT, Corp.
|
HA12179F |
Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
|
Hitachi,Ltd.
|
HA12211NT HA12211 |
Audio Signal Processor for Cassette Deck (Deck 1 Chip)
|
HITACHI[Hitachi Semiconductor]
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
AD5520JST AD5520JST-REEL |
Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices
|
BP5034A24 |
AC/DC Converter Unit(AC/DC转换器单 AC / DC变换器股(交直流转换器单元) AC / DC converter unit
|
Rohm Co., Ltd. ROHM[Rohm]
|
AD5520 EVAL-AD5520EB AD5520JST AD5520JST-REEL |
Per Pin Parametric Measurement Unit/Source Measure Unit Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices, Inc.
|
|