PART |
Description |
Maker |
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK3437 |
MOSFET 2SK/2SJ Series DC-DC Converter Relay Drive and Motor Drive Applications DC-DC Converter, Relay Drive and Motor Drive Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
SSM6K32TU |
Relay drive, DC/DC converter application
|
Toshiba Semiconductor
|
RIF-3-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
RIF-1-RSC-LV-24AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
KTC2804 |
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
|
KEC[KEC(Korea Electronics)]
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
2SK3498 |
DC-DC Converter/ Relay Drive and Motor Drive Applications DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS
|
Toshiba Semiconductor
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
2SK2985 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (U-MOSII) RELAY DRYVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
|
TOSHIBA
|